PART |
Description |
Maker |
MAX3157 MAX3157CAI MAX3157CPI MAX3157EAI MAX3157EP |
High CMRR RS-485 Transceiver with ±50V Isolation LINE TRANSCEIVER, PDSO28 High CMRR RS-485 Transceiver with ±50V Isolation High CMRR RS-485 Transceiver with 50V Isolation High CMRR RS-485 Transceiver with 【50V Isolation
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM3485EARZ-REEL ADM3485EAR-REEL ADM3485EAR-REEL7 |
ESD Protected, EMC Compliant, 3.3V, 12 Mbps, EIA RS-485 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial LINE TRANSCEIVER, PDSO8 ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
|
Analog Devices, Inc.
|
MAX14770EATAT MAX14770EESAT |
High-ESD Profibus RS-485 Transceiver
|
Maxim Integrated Products
|
MAX14770E11 |
High-ESD Profibus RS-485 Transceiver
|
Maxim Integrated Products
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
ST490AB |
Low power high speed RS-485/RS-422 transceiver
|
http://
|
ADM2486BRWZ-REEL |
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
|
http://
|
ISL3156EIBZ ISL3152EIPZ ISL3152EIBZ ISL3152EIUZ IS |
5V Full Duplex, 1Mbps Slew Rate Limited, IEC61000 ESD Protected with 2.4V Vod RS-485/RS-422 Transceiver ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
MAX14783E-15 |
High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
|
Maxim Integrated Produc...
|
|